PART |
Description |
Maker |
CFRC301-G12 CFRC301-G CFRC302-G CFRC303-G CFRC304- |
Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=3A Fast Recovery Rectifiers, V-RRM=1000V, V-R=1000V, I-O=3A Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=3A Fast Recovery Rectifiers, V-RRM=100V, V-R=100V, I-O=3A SMD Fast Recovery Rectifiers Fast Recovery Rectifiers, V-RRM=50V, V-R=50V, I-O=3A Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=3A Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=3A
|
Comchip Technology
|
1N3891 |
FAST RECOVERY RECTIFIERS FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
|
Microsemi Corporation
|
1N4933G2 1N4935 1N4935G-T 1N4936G-T 1N4933G-T 1N49 |
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes Incorporated
|
DFLU1200 DFLU1200-7 |
Discrete - Rectifiers (0.5A and higher) - Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|
CEFA202-G CEFA201-G CEFA201-G12 CEFA203-G |
Efficient Fast Recovery Rectifiers, V-RRM=200V, V-R=200v, I-O=2A Efficient Fast Recovery Rectifiers, V-RRM=100V, V-R=100v, I-O=2A Efficient Fast Recovery Rectifiers, V-RRM=50V, V-R=50v, I-O=2A SMD Efficient Fast Recovery Rectifiers
|
Comchip Technology
|
FFB10U20S FFB10U20STM |
10A/200V Ultra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
1N4933THRU1N4937 1N4935 |
FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE FAST RECOVERY RECTIFIERS 5000 VOLTS 1.0 AMPERE
|
Motorola, Inc.
|
1N3880 12FL40S02 12FL40S05 12FL40S10 1N3883 1N3890 |
6A, 12A AND 16A FAST RECOVERY RECTIFIERS A2A6A条快速整流二极管 6A, 12A AND 16A FAST RECOVERY RECTIFIERS 6A2A6A条快速整流二极管 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes MKDS 3/ 2-B-5,08 BU (1N3879 - 1N3889) 6A / 12A AND 16A FAST RECOVERY RECTIFIERS 5A,12A and16A Fast Recovery RECTIFIE 6A 12A AND 16A FAST RECOVERY RECTIFIERS 100V Fast Recovery Diode in a DO-203AA (DO-4) package 200V Fast Recovery Diode in a DO-203AA (DO-4) package 400V Fast Recovery Diode in a DO-203AA (DO-4) package 600V Fast Recovery Diode in a DO-203AA (DO-4) package 800V Fast Recovery Diode in a DO-203AA (DO-4) package 1000V Fast Recovery Diode in a DO-203AA (DO-4) package 6A, 12A AND 16A FAST RECOVERY RECTIFIERS
|
International Rectifier, Corp. IRF[International Rectifier] Microsemi Corporation
|
UF3001-UF3008 HER305 UF3001 HER301 HER303 UF3004 U |
HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS Ultrafast Recovery Rectifiers
|
HY ELECTRONIC CORP.
|
DL4933 DL4936 |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|
1N4933L 1N4934L 1N4935L 1N4936L 1N4937L |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|
|